Part Number Hot Search : 
WR2KLF 20M000 KCS1730 8TRPB AT1604CI GJ3669 GBPC4010 CS5461
Product Description
Full Text Search
 

To Download 15015563HC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 150 Axial Leaded Metallized Polyester
Flame Retardant Wrap and Fill Axial Leaded Capacitors
The Type 150 series axial lead metallized polyester non inductive capacitors are available in bulk or on tape and reel for automatic insertion. Type 150 is a general purpose capacitor for use in blocking, bypass, decoupling, smoothing and some timing applications.
Highlights
* * * * * Available on tape and reel or bulk Epoxy end fill meets UL94V-0 Non inductively wound Flame retardant outer wrap meets UL510 Non polar
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Tempeature Range: Dielectric Withstand Voltage: Dissipation Factor (DF): 0.001 F to 10.0 F 63 to 1000 Vdc (40 to 250 Vac @ 60 Hz) 5%, 10%, 20% -55 C to +125 C (derate linearly to 50% rated
voltage at 125 C)
1.6 x rated voltage for 2 s @ +25 C 5 C tg x 10-4 at +25 C 5 C
kHz 1 10 100 C 0.1 F 80 150 250 0.1 F 1 F 100 -- --
Insulation Resistance: Self Inductance: Life Test: Damp Heat Test: Soldering: Long Term Storage Stability: Maximum Pulse Rise Time dv/dt and Pulse: Characteristic (Wo):
10,000 M x F, 30,000 M Min. 1 nH max. per 1 mm lead and body length 1000 hrs @ 85 C 1.25 x Vn 95% RH @ +45 C for 21 days 260 C 5 C for 10 s 1 s C/C 3% after 2 years
V/n 50 - 63 100 250 L Max 16.5 4 504 5 1,000 10 5,000 13.5 10,800 20 25,200 19 - 20.5 26.5 - 5.28 31.5 - 33 2 252 3 600 7 3,500 10 8,000 15 18,900 1.5 189 2 400 4 2,000 6.5 5,200 10 12,600 1 126 1 300 2.5 1,250 4 3,200 6 7,500 dV/dt (V/sec) WO (V2/sec)
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
400 630
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 150 Axial Leaded Metallized Polyester
Tape and Reel Specifications
L Max (Body Lengty) Inches .433 1.03 mm 11 26 Lead Spacing Inches 2.06 2.5 2.87 mm 52.4 63.6 73 Distance Between Reel Flanges Inches 3 3.4 3.7 mm 75 86 95 1 2 3 Class
Outline Drawing
.551 - .808 14 - 20.5
^Add class number (1, 2, or 3) to catalog number to indicate tape and reel Diameter Inches 0.197 .236 thru .256 0.276 .315 thru .346 .354 thru .413 .433 thru .512 .551 thru .571 >.571 mm 5 6.0 trhu 6.5 7 8 thru 8.5 9 thru 10.5 11 thru 13 14 thru 14.5 >14.5 Quantity per Reel 3,000 1,200 1,100 800 500 300 200 Not available
Od .002 0.05 mm
Tinned Copper Leads
1.58" 0.2 (40 5 mm)
L Max.
1.58" 0.2 (40 5 mm)
D Max.
Ratings
Catalog Part Number 150154*63AA^ 150154*63BB^ 150184*63AA^ 150184*63BB^ 150224*63BB^ 150274*63BB^ 150334*63BB^ 150394*63CB^ 150474*63DB^ 150564*63DB^ 150684*63DC^ 150824*63EC^ 150105*63EC^ 150155*63HC^ 150225*63HE^ 150335*63KE^ 150475*63ME^ 150685*63QF^ 150106*63TF^ 150683*100AA^ 150683*100BB^ 150823*100AA^ 150823*100BB^ 150104*100AA^ 150104*100BB^ 150124*100BB^ 150154*100BB^ 150184*100CB^ 150224*100CB^ Cap (F) 0.150 0.150 0.180 0.180 0.220 0.270 0.330 0.390 0.470 0.560 0.680 0.820 1.000 1.500 2.200 3.300 4.700 6.800 10.000 0.068 0.068 0.082 0.082 0.100 0.100 0.120 0.150 0.180 0.220 D 0.197 0.236 0.197 0.236 0.236 0.236 0.236 0.256 0.276 0.276 0.276 0.315 0.315 0.374 0.374 0.433 0.492 0.571 0.610 0.197 0.236 0.197 0.236 0.197 0.236 0.236 0.236 0.256 0.256 Inches Max L 0.433 0.650 0.433 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.807 0.807 0.807 0.807 1.102 1.102 1.102 1.299 1.299 0.433 0.650 0.433 0.650 0.433 0.650 0.650 0.650 0.650 0.650 Od 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 63 Vdc/40 Vac 5.0 6.0 5.0 6.0 6.0 6.0 6.0 6.5 7.0 7.0 7.0 8.0 8.0 9.5 9.5 11.0 12.5 14.5 15.5 5.0 6.0 5.0 6.0 5.0 6.0 6.0 6.0 6.5 6.5 11.0 11.0 0.6 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 20.5 0.6 20.5 0.8 20.5 0.8 20.5 0.8 28.0 0.8 28.0 0.8 28.0 0.8 33.0 0.8 33.0 0.8 11.0 11.0 11.0 0.6 0.6 0.6 150123*250AA^ 150123*250BB^ 150153*250AA^ 150153*250BB^ 150183*250AA^ 150183*250BB^ 150223*250AA^ 150223*250BB^ 150273*250AA^ 150273*250BB^ 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 0.012 0.012 0.015 0.015 0.018 0.018 0.022 0.022 0.027 0.027 150155*100IE^ 150225*100LE^ 150335*100PE^ 150475*100RF^ 150685*100WF^ 150106*100YF^ 1.500 2.200 3.300 4.700 6.800 10.000 Millimeters Max D L Od Catalog Part Number 150274*100CB^ 150334*100EB^ 150394*100EB^ 150474*100DC^ 150564*100EC^ 150684*100FC^ 150824*100HC^ 150105*100IC^ Cap (F) 0.270 0.330 0.390 0.470 0.560 0.680 0.820 1.000 D 0.256 0.315 0.315 0.276 0.315 0.335 0.374 0.394 0.394 0.453 0.531 0.591 0.689 0.807 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 Inches Max L 0.650 0.650 0.650 0.807 0.807 0.807 0.807 0.807 1.102 1.102 1.102 1.299 1.299 1.299 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 Od 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 Millimeters Max D 6.5 8.0 8.0 7.0 8.0 8.5 9.5 10.0 10.0 11.5 13.5 15.0 17.5 20.5 5.0 6.0 5.0 6.0 5.0 6.0 5.0 6.0 5.0 6.0 L Od 16.5 0.6 16.5 0.8 16.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 28.0 0.8 28.0 0.8 28.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 11.0 11.0 11.0 11.0 11.0 0.6 0.6 0.6 0.6 0.6
100 Vdc/63 Vac
250 Vdc/160 Vac 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6
100 Vdc/63 Vac
* Indicates capacitance tolerance J = 5%, K = 10%, M = 20%
^If ordering tape and reel, insert 1, 2, or 3.
See tape & reel specifications to determine which class applies. Part Number highlighted in yellow, available until stock is depleted. Replacement part number with "BB" case size.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 150 Axial Leaded Metallized Polyester
Catalog Part Number 150333*250AA^ 150333*250BB^ 150393*250AA^ 150393*250BB^ 150473*250AA^ 150473*250BB^ 150563*250AA^ 150563*250BB^ 150683*250BB^ 150823*250BB^ 150104*250CB^ 150124*250DB^ 150154*250EB^ 150184*250EB^ 150224*250FB^ 150274*250EC^ 150334*250FC^ 150394*250GC^ 150474*250HC^ 150564*250IC^ 150684*250GE^ 150824*250HE^ 150105*250JE^ 150155*250ME^ 150225*250PF^ 150335*250TF^ 150475*250XF^ 150685*250ZF^ 150822*400AA^ 150822*400BB^ 150103*400AA^ 150103*400BB^ 150123*400AA^ 150123*400BB^ 150153*400BB^ 150183*400BB^ 150223*400BB^ 150273*400BB^ 150333*400BB^ 150393*400CB^ 150473*400DB^ 150563*400EB^ Cap (F) 0.0330 0.0330 0.0390 0.0390 0.0470 0.0470 0.0560 0.0560 0.0680 0.0820 0.1000 0.1200 0.1500 0.1800 0.2200 0.2700 0.3300 0.3900 0.4700 0.5600 0.6800 0.8200 1.0000 1.5000 2.2000 3.3000 4.7000 6.8000 0.0082 0.0082 0.0100 0.0100 0.0120 0.0120 0.0150 0.0180 0.0220 0.0270 0.0330 0.0390 0.0470 0.0560 D Inches Max L Od 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.807 0.807 0.807 0.807 0.807 1.102 1.102 1.102 1.102 1.299 1.299 1.299 1.299 0.433 0.650 0.433 0.650 0.433 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 Millimeters Max D L Od 5.0 6.0 5.0 6.0 5.0 6.0 5.0 6.0 6.0 6.0 6.5 7.0 8.0 8.0 8.5 8.0 8.5 9.0 9.5 10.0 9.0 9.5 10.5 12.5 13.5 15.5 18.5 21.5 5.0 6.0 5.0 6.0 5.0 6.0 6.0 6.0 6.0 6.0 6.0 6.5 7.0 8.0 11.0 11.0 11.0 11.0 0.6 0.6 0.6 0.6 Catalog Part Number 150683*400DC^ 150823*400EC^ 150104*400EC^ 150124*400EC^ 150154*400GC^ 150184*400EE^ 150224*400FE^ 150274*400GE^ 150334*400IE^ 150394*400JE^ 150474*400LF^ 150564*400LF^ 150684*400MF^ 150824*400PF^ 150105*400QF^ 150155*400WF^ 150225*400YF^ 150102*630AA^ 150102*630BB^ 150122*630AA^ 150122*630BB^ 150152*630AA^ 150152*630BB^ 150182*630AA^ 150182*630BB^ 150222*630AA^ 150222*630BB^ 150272*630AA^ 150272*630BB^ 11.0 11.0 11.0 0.6 0.6 0.6 150332*630AA^ 150332*630BB^ 150392*630AA^ 150392*630BB^ 150472*630AA^ 150472*630BB^ 150562*630AA^ 150562*630BB^ 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.8 16.5 0.8 16.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 28.0 0.8 28.0 0.8 28.0 0.8 28.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 0.0010 0.0010 0.0012 0.0012 0.0015 0.0015 0.0018 0.0018 0.0022 0.0022 0.0027 0.0027 0.0033 0.0033 0.0039 0.0039 0.0047 0.0047 0.0056 0.0056 Cap (F) 0.0680 0.0820 0.1000 0.1200 0.1500 0.1800 0.2200 0.2700 0.3300 0.3900 0.4700 0.5600 0.6800 0.8200 1.0000 1.5000 2.2000 D Inches Max L Od 0.807 0.807 0.807 0.807 0.807 1.102 1.102 1.102 1.102 1.102 1.299 1.299 1.299 1.299 1.299 1.299 1.299 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.433 0.650 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 Millimeters Max D L Od 7.0 8.0 8.0 8.0 9.0 8.0 8.5 9.0 10.0 10.5 11.5 11.5 12.5 13.5 14.5 17.5 20.5 5.0 6.0 5.0 6.0 5.5 6.0 5.5 6.0 5.5 6.0 5.5 6.0 5.5 6.0 5.5 6.0 5.5 6.0 5.5 6.0 20.5 0.6 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 28.0 0.8 28.0 0.8 28.0 0.8 28.0 0.8 28.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 250 Vdc/160 Vac 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.236 0.236 0.256 0.276 0.315 0.315 0.335 0.315 0.335 0.354 0.374 0.394 0.354 0.374 0.413 0.492 0.531 0.610 0.728 0.845 0.197 0.236 0.197 0.236 0.197 0.236 0.236 0.236 0.236 0.236 0.236 0.256 0.276 0.315 0.276 0.315 0.315 0.315 0.354 0.315 0.335 0.354 0.394 0.413 0.453 0.453 0.492 0.531 0.571 0.689 0.807 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236 0.197 0.236
630 Vdc/220 Vac 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6
400 Vdc/200 Vac
* Indicates capacitance tolerance J = 5%, K = 10%, M = 20%
^If ordering tape and reel, insert 1, 2, or 3.
See tape & reel specifications to determine which class applies. Part Number highlighted in yellow, available until stock is depleted. Replacement part number with "BB" case size.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 150 Axial Leaded Metallized Polyester
Catalog Part Number 150682*630AA^ 150682*630BB^ 150822*630BB^ 150103*630BB^ 150123*630BB^ 150153*630BB^ 150183*630CB^ 150223*630DB^ 150273*630CC^ 150333*630EC^ 150393*630EC^ 150473*630EC^ 150563*630FC^ 150683*630GC^ 150823*630HC^ 150104*630FE^ 150124*630GE^ 150154*630IE^ 150184*630JE^ 150224*630LE^ 150274*630ME^ 150334*630NF^ 150394*630QF^ 150474*630RF^ 150564*630TF^ 150684*630WF^ 150824*630XF^ 150105*630YF^ Cap (F) 0.0068 0.0068 0.0082 0.0100 0.0120 0.0150 0.0180 0.0220 0.0270 0.0330 0.0390 0.0470 0.0560 0.0680 0.0820 0.1000 0.1200 0.1500 0.1800 0.2200 0.2700 0.3300 0.3900 0.4700 0.5600 0.6800 0.8200 1.0000 D 0.197 0.236 0.236 0.236 0.236 0.236 0.256 0.276 0.256 0.315 0.315 0.315 0.335 0.354 0.374 0.335 0.354 0.394 0.413 0.453 0.492 0.512 0.571 0.591 0.610 0.689 0.728 0.807 Inches Max L 0.433 0.650 0.650 0.650 0.650 0.650 0.650 0.650 0.807 0.807 0.807 0.807 0.807 0.807 0.807 1.102 1.102 1.102 1.102 1.102 1.102 1.299 1.299 1.299 1.299 1.299 1.299 1.299 Od 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 630 Vdc/220 Vac 5.5 6.0 6.0 6.0 6.0 6.0 6.5 7.0 6.5 8.0 8.0 8.0 8.5 9.0 9.5 8.5 9.0 10.0 10.5 11.5 12.5 13.0 14.5 15.0 15.5 17.5 18.5 20.5 11.0 0.6 150102*1000CB^ 150152*1000CB^ 150222*1000CB^ 150332*1000CB^ 150472*1000DB^ 150682*1000EB^ 150103*1000DC^ 150153*1000FC^ 150223*1000HC^ 150333*1000FE^ 150473*1000HE^ 150683*1000KE^ 150104*1000NE^ 150154*1000OF^ 150224*1000WF^ 150334*1000YF^ 150474*1000Z1F^ 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.0100 0.0150 0.0220 0.0330 0.0470 0.0680 0.1000 0.1500 0.2200 0.3300 0.4700 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 20.5 0.6 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 20.5 0.8 28.0 0.8 28.0 0.8 28.0 0.8 28.0 0.8 28.0 0.8 28.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 33.0 0.8 * Indicates capacitance tolerance J = 5%, K = 10%, M = 20% ^If ordering tape and reel, insert 1, 2, or 3. Millimeters Max D L Od Catalog Part Number Cap (F) D 0.256 0.256 0.256 0.256 0.276 0.315 0.276 0.335 0.374 0.335 0.374 0.433 0.512 0.551 0.689 0.807 0.945 Inches Max L 0.650 0.650 0.650 0.650 0.650 0.650 0.807 0.807 0.807 1.102 1.102 1.102 1.102 1.299 1.299 1.299 1.299 Od 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 1000 Vdc/250 Vac 6.5 6.5 6.5 6.5 7.0 8.0 7.0 8.5 9.5 8.5 9.5 11.0 13.0 14.0 17.5 20.5 24.0 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.6 16.5 0.8 20.5 0.6 20.5 0.8 20.5 0.8 28 28 28 28 33 33 33 33 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Millimeters Max D L Od
See tape & reel specifications to determine which class applies. Part Number highlighted in yellow, available until stock is depleted. Replacement part number with "BB" case size.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 15015563HC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X